PART |
Description |
Maker |
IRF7452QPBF10 |
HEXFETPower MOSFET
|
International Rectifier
|
IRFB4321GPBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRFH6200PBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRL3803L IRL3803S |
Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A 功率MOSFET(减振钢板基本\u003d 30V的,的Rds(on)\u003d 0.006ohm,身份证\u003d律目140A?) Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A?) POWER MOSFET(VDSS=30V, RDS(ON)=0.006OHM, ID=140Aㄌ) Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A) Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A?
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFB4127PBF |
HEXFETPower MOSFET High Efficiency Synchronous Rectification in SMPS
|
International Rectifier
|
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF3808L IRF3808S RF3808S |
75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package AUTOMOTIVE MOSFET Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A?) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A) Power MOSFET(Vdss=75V/ Rds(on)=0.007ohm/ Id=106A) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A 功率MOSFET(减振钢板基本\u003d 75V的,的Rdson)\u003d 0.007ohm,身份证\u003d 106A章?
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRLML0030TRPBF |
HEXFETpower MOSFET Compatible with existing Surface Mount Techniques Lower switching losses
|
TY Semiconductor Co., Ltd
|
IRF5802 IRF5802TR |
150V Single N-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package Power MOSFET(Vdss=150V, Id=0.9A) Power MOSFET(Vdss=150V/ Id=0.9A) 0.9 A, 150 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IRF[International Rectifier]
|
IRFR014 IRFU014 IRFR014PBF IRFR014TR IRFR014TRL IR |
60V Single N-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A) Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A)
|
IRF[International Rectifier]
|